Part Number Hot Search : 
74LS24 AT697E HCC4098 L796BID AN4031 E13001 STI2506 13007A
Product Description
Full Text Search
 

To Download RPL1ATCN24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RELAY
Adam Technologies, Inc.
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
INTRODUCTION: Adam Tech RPL relays are high power, modern relays, available in industry standard packages and can switch loads up to 30 amps. Available in both a PCB package and a combination PCB/Quick Connect terminal package, these relays are designed for applications such as Spa/Pool controls, HVAC, and large appliances. FEATURES: 30 Amp Switching capability PCB and PCB/Top mount packages Industry Standard footprint SPECIFICATIONS: ELECTRICAL: Contact arrangement: 1 Form A & 1 Form C Contact material: Silver Alloy Contact Rating (Resistive load): 30A @ 220V AC 30A @ 30V DC Max. Switching Voltage: 220V AC / 30V DC Max. Switching Power: 6600VA / 900W Contact resistance: 50 m max. Initial Insulation resistance: 100 M min. @ 500V DC Dielectric withstanding voltage: Between Coil & Contact: 2500V AC 50/60Hz for 1 min. Between Contacts: 1500V AC 50/60Hz for 1 min. Operating time: 15 ms max. Release time: 10 ms max. Electrical Life: 100,000 Operations (at rated load) MECHANICAL: Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz Shock resistance: 10G min. Mechanical Life: 10,000,000 Operations (no load) TEMPERATURE RATING: Ambient temperature: -55C to +85C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: cUL Recognized File No. E305638
ORDERING INFORMATION POWER RELAY RPL 1C P 24
SERIES INDICATOR RPL = Power Relay CONTACT FORM 1A = 1 form A 1C = 1 form C
COIL VOLTAGE 5 = 5V DC 6 = 6V DC 9 = 9V DC 12 = 12V DC 24 = 24V DC 48 = 48V DC
TERMINALS P = PCB Terminals only TCN = PCB Terminals and Top Contacts
Pb
UL
(R)
(R)
c
(R)
US
V RoHS DE
COMPLIANT 2002 / 95 / EC
RoHS
COMPLIANT
62
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
RELAY
Adam Technologies, Inc.
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
RPL SERIES
1.300 [33.00] MAX 1.102 [28.00] MAX
.866 [22.00] MAX
.063 [1.60]
.400 [10.16] .700 [17.78]
RPL-1C-P-12
.700 [17.78] o.078 [2.00] o.071 [1.80]
o.078 [2.00] 2X
.700 [17.78] o.071 [1.80]
.300 [7.62] .500 [12.70] .500 [12.70]
.100 [2.54] o0.031 .400 [10.16]
.100 [2.54] o0.031 .400 [10.16]
Recommended PCB Layout 1 Form A 1 FORM A
Recommended PCB Layout 1 1 FORM C Form C
Schematic SCHEMATIC FORM A 1 1Form A
Schematic SCHEMATIC 1 Form 1 FORM CC
Nominal Voltage V DC 5 6 9 12 24 48
Pick-up Voltage V DC (max.) 3.75 4.5 6.75 9.0 18.0 36.0
Drop-out Voltage V DC (min.) 0.5 0.6 0.9 1.2 2.4 4.8
Coil Resistance (10%) 31 40 101 160 640 2,560
Nominal Operating Power mW 900 900 900 900 900 900
Max allowable Voltage V DC 6 6.6 10.8 13.2 26.4 52.8
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
63
RELAY
Adam Technologies, Inc.
1.063 [27.00] MAX .187 Q.C. TYP.
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
1.141 [29.00] MAX
RPL SERIES (TOP CONTACTS)
NC
NO 1.300 [33.00] MAX
COM
.157 [4.00]
RPL-1C-TCN-12
.700 [17.78] o.078 [2.00] o.071 [1.80]
o.078 [2.00] 2X
.700 [17.78] o.071 [1.80]
.300 [7.62] .100 [2.54] o.082 [2.10] .400 [10.16] .500 [12.70] .500 [12.70]
.100 [2.54] o.082 [2.10]
.400 [10.16]
Recommended PCB Layout 1 Form A 1 FORM A
Recommended PCB Layout 1 Form 1 FORM CC
NC NO NO
COM
COM
TOP VIEW
BOTTOM VIEW
TOP VIEW
BOTTOM VIEW
Schematic SCHEMATIC Form A 1 1 FORMA
Schematic SCHEMATIC 1 Form 1 FORM CC
Nominal Voltage V DC 5 6 9 12 24 48
Pick-up Voltage V DC (max.) 3.75 4.5 6.75 9 18 36
Drop-out Voltage V DC (min.) 0.5 0.6 0.9 1.2 2.4 4.8
Coil Resistance (10%) 31 40 101 160 640 2,560
Nominal Operating Power mW 900 900 900 900 900 900
Max allowable Voltage V DC 6 6.6 10.8 13.2 26.4 52.8
64
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM


▲Up To Search▲   

 
Price & Availability of RPL1ATCN24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X